Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download ASVK-32768KHZ-Z-H-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: inch (mm) marking: - 32khz (32.768 frequency) - akzy (z: month a to l; y: year 0 for 2000) pin function 1 2 3 4 tri-state or nc gnd output vcc frequency range operating temperature storage temperature overall frequency stability supply voltage (vdd) input current symmetry rise and fall time (tr/tf) output load output type output voltage start-up time tristate function 32.768khz -0 c to +70 c (see options) -55 c to +125 c 100 ppm max.(see options) 3.3 vdc 10% (see options) 7ma max 40/60% (see options) 250ns max. 15pf or 10ttl hcmos voh = 0.9*vdd min. vol = 0.1*vdd max. 8 ms max logic "1" (2.0v min) or open = osc logic "0" (0.8v max) = hi z output disabled. abracon is a b r a c o n i s iso 9001 / qs 9000 i s o 9 0 0 1 / q s 9 0 0 0 certified c e r t i f i e d abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com ceramic smd crystal oscillator c e r a m i c s m d c r y s t a l o s c i l l a t o r ceramic smd crystal oscillator ||||||||||||||| asvk series standard specifications: options and part identification (left blank if standard) : outline drawing: temperature options: e for -20c to +70c f for -30c to +70c n for -30c to +85c l for -40c to +85c freq stability options: c for 50 ppm max. b for 40 ppm max. h for 35 ppm max. k for 30 ppm max. r for 25 ppm max. j for 20 ppm max. asvk - 32.768 - supply voltage - frequency stability - temperature - symmetry - pin 1 function - packaging symmetry option: - s for (45/55%) duty cycle <10mhz pin 1 option: - a for tri-state packaging option: t for tape and reel supply voltage options: y for 2.5v5% z for 3.0v10% rev1.1-8/05 *rohs compliant applications: ? system references  real time clocks features:  industrial operating temperature range available.  cmos output  small surface mount package  compact and low in height parameters 7.0 x 5.0 x 1.8mm


▲Up To Search▲   

 
Price & Availability of ASVK-32768KHZ-Z-H-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X